| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV320X bảng dữ liệu(PDF) 197 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV320X bảng dữ liệu(HTML) 197 Page - STMicroelectronics |
|
197 / 212 page ![]() 13.40 FSM_OUTS6 (51h) ...........................................................149 13.41 FSM_OUTS7 (52h) ...........................................................150 13.42 FSM_OUTS8 (53h) ...........................................................150 13.43 SFLP_ODR (5Eh) ............................................................151 13.44 FSM_ODR (5Fh) .............................................................151 13.45 MLC_ODR (60h) .............................................................152 13.46 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................152 13.47 EMB_FUNC_SRC (64h).......................................................153 13.48 EMB_FUNC_INIT_A (66h).....................................................154 13.49 EMB_FUNC_INIT_B (67h).....................................................154 13.50 EMB_FUNC_SENSOR_CONV_EN (6Eh) ........................................154 13.51 MLC1_SRC (70h) ............................................................155 13.52 MLC2_SRC (71h) ............................................................155 13.53 MLC3_SRC (72h) ............................................................155 13.54 MLC4_SRC (73h) ............................................................155 13.55 MLC5_SRC (74h) ............................................................156 13.56 MLC6_SRC (75h) ............................................................156 13.57 MLC7_SRC (76h) ............................................................156 13.58 MLC8_SRC (77h) ............................................................156 14 Embedded advanced features pages ............................................ 157 15 Embedded advanced features register description .............................. 160 15.1 Page 0 - embedded advanced features registers ..................................160 15.1.1 FSM_EXT_SENSITIVITY_L (BAh) and FSM_EXT_SENSITIVITY_H (BBh) .......... 160 15.1.2 FSM_EXT_OFFX_L (C0h) and FSM_EXT_OFFX_H (C1h) ...................... 161 15.1.3 FSM_EXT_OFFY_L (C2h) and FSM_EXT_OFFY_H (C3h) ...................... 161 15.1.4 FSM_EXT_OFFZ_L (C4h) and FSM_EXT_OFFZ_H (C5h)....................... 162 15.1.5 FSM_EXT_MATRIX_XX_L (C6h) and FSM_EXT_MATRIX_XX_H (C7h) ............ 162 15.1.6 FSM_EXT_MATRIX_XY_L (C8h) and FSM_EXT_MATRIX_XY_H (C9h) ............ 163 15.1.7 FSM_EXT_MATRIX_XZ_L (CAh) and FSM_EXT_MATRIX_XZ_H (CBh) ............ 163 15.1.8 FSM_EXT_MATRIX_YY_L (CCh) and FSM_EXT_MATRIX_YY_H (CDh)............ 164 15.1.9 FSM_EXT_MATRIX_YZ_L (CEh) and FSM_EXT_MATRIX_YZ_H (CFh) ............ 164 15.1.10 FSM_EXT_MATRIX_ZZ_L (D0h) and FSM_EXT_MATRIX_ZZ_H (D1h) ............ 165 15.1.11 EXT_CFG_A (D4h) ..................................................... 166 15.1.12 EXT_CFG_B (D5h) ..................................................... 166 15.2 Page 1 - embedded advanced features registers ..................................167 15.2.1 XL_HG_SENSITIVITY_L (58h) and XL_HG_SENSITIVITY_H (59h)................ 167 LSM6DSV320X Contents DS14623 - Rev 1 page 197/212 |