| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV320X bảng dữ liệu(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV320X bảng dữ liệu(HTML) 129 Page - STMicroelectronics |
|
129 / 212 page ![]() Name Type Register address Default Comment Hex Binary MLC3_SRC R 72 01110010 output MLC4_SRC R 73 01110011 output MLC5_SRC R 74 01110100 output MLC6_SRC R 75 01110101 output MLC7_SRC R 76 01110110 output MLC8_SRC R 77 01110111 output Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibration values. Their content is automatically restored when the device is powered up. LSM6DSV320X Embedded functions register mapping DS14623 - Rev 1 page 129/212 |