công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86FS28FG bảng dữ liệu(PDF) 205 Page - Toshiba Semiconductor

tên linh kiện TMP86FS28FG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28FG bảng dữ liệu(HTML) 205 Page - Toshiba Semiconductor

Back Button TMP86FS28FG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS28FG Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 272 page
background image
Page 193
TMP86FS28FG
16. LCD Driver
The TMP86FS28FG has a driver and control circuit to directly drive the liquid crystal device (LCD). The pins to
be connected to LCD are as follows:
1. Segment output port 40 pins (SEG39 to SEG0)
2. Common output port4 pins (COM3 to COM0)
In addition, C0, C1, V1, V2, V3 pin are provided for the LCD driver’s booster circuit.
The devices that can be directly driven is selectable from LCD of the following drive methods:
1. 1/4 Duty (1/3 Bias) LCD Max 160 Segments(8 segments
× 20 digits)
2. 1/3 Duty (1/3 Bias) LCD Max 120 Segments(8 segments
× 15 digits)
3. 1/2 Duty (1/2 Bias) LCD Max 80 Segments(8 segments
× 10 digits)
4. Static LCD
Max 40 Segments(8 segments
× 5 digits)
16.1 Configuration
Figure 16-1 LCD Driver
Note: The LCD driver incorporates a dedicated divider circuit. Therefore, the break function of a debugger (development
tool) will not stop LCD driver output.
COM3
COM0
V1
Duty
control
fc/217, fs/29
fc/213
fc/216, fs/28
Common driver
DBR
display data area
Display data select control
Timing
control
Display data buffer register
Blanking
control
Segment driver
fc/215
LCDCR
to
7
6
5
4
3
2
1
0
DUTY
SLF
EDSP
VFSEL
Constant voltage
booster circuit
BRES
fc/213, fs/25
fc/29
fc/211, fs/23
V2 V3
C0 C1
fc/210, fs/22
SEG0
SEG39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More