| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS28FG bảng dữ liệu(PDF) 122 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28FG bảng dữ liệu(HTML) 122 Page - Toshiba Semiconductor |
|
122 / 272 page ![]() Page 110 8. 16-Bit TimerCounter (TC10,TC11) 8.2 16-Bit TimerCounter 11 TMP86FS28FG Figure 8-16 PPG Mode Timing Chart INTTC11 TC11DRA Internal clock Counter TC11DRB TC11DRA PPG pin output 0 INTTC11 interrupt request interrupt request 12 m 0 1 2 n m 0 1 n 2 n n + 1 n + 1 m (a) Continuous pulse generation (TC11S = 01) TC11DRB Trigger Count start Timer start Counter Internal clock TC11 pin input PPG pin output 01 m n nn + 1 m 0 (b) One-shot pulse generation (TC11S = 10) Match detect Note: m > n Note: m > n [Application] One-shot pulse output |