| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS49AFG bảng dữ liệu(PDF) 252 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AFG bảng dữ liệu(HTML) 252 Page - Toshiba Semiconductor |
|
252 / 294 page ![]() Page 236 20. Serial PROM Mode 20.3 Serial PROM Mode Setting TMP86FS49AFG 20.3.4 Activating the Serial PROM Mode The following is a procedure to activate the serial PROM mode. " Figure 20-4 Serial PROM Mode Timing " shows a serial PROM mode timing. 1. Supply power to the VDD pin. 2. Set the RESET pin to low. 3. Set the TEST pin and BOOT/RXD1 pins to high. 4. Wait until the power supply and clock oscillation stabilize. 5. Set the RESET pin to high. 6. Input the matching data (5AH) to the BOOT/RXD1 pin after setup sequence. For details of the setup timing, refer to " 20.15 UART Timing ". Figure 20-4 Serial PROM Mode Timing VDD TEST(Input) RESET(Input) PROGRAM Setup time for serial PROM mode (Rxsup) High level setting Matching data don't care Reset mode Serial PROM mode input BOOT/RXD1 (Input) |