| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86FS49BUG bảng dữ liệu(PDF) 192 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49BUG bảng dữ liệu(HTML) 192 Page - Toshiba Semiconductor |
|
192 / 294 page ![]() Page 176 14. Synchronous Serial Interface (SIO1) 14.3 Function TMP86FS49BUG Figure 14-16 Example of Transmit/Receive (Receive) Error Processing Note: If receive error is not corrected, an interrupt request does not generate after the error occurs. Figure 14-17 Hold Time of the End of Transmit/Receive Mode Writing transmit data C Writing transmit data B Writing transmit data A Unknown C B A7 A6 A A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0 Start shift operation Start shift operation Start shift operation Reading received data E Reading received data D OOH E D SIO1CR<SIOS> SIO1SR<SIOF> SIO1SR<SEF> SCK1 pin output SO1 pin SI1 pin INTSIO1 interrupt request SIO1SR<TXF> SIO1SR<RXF> SIO1RDB SIO1TDB SIO1CR<SIOINH> SIO1SR<RXERR> 4/fc 8/fc tSODH tSODH < < SCK1 pin SIO1SR<SIOF> SO1 pin |