công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 289 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 289 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 285Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 286Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 287Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 288Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 289Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 290Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 291Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 292Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 293Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 289 / 293 page
background image
uPSD34xx
Important notes
289/293
implemented then this extra and unexpected data packet would result in a communication
breakdown.
Workaround
Revision A and B - In the USB ISR, when an INx (x = the endpoint number of the IN FIFO)
interrupt is detected, the IN FIFOs respective busy bit should be unconditionally cleared.
The uPSD3400 USB firmware implements this workaround.
34.7
IN FIFO Pairing Operation
Description
When FIFO pairing is used on IN endpoints, an erroneous resend of a data packet may
occur. See the "Erroneous Resend of Data Packet" note as it also applies when IN FIFO
pairing is used.
Impact On Application
See the "Erroneous Resend of Data Packet" note as the impact is the same when IN FIFO
pairing is used.
Workaround
Revision A and B - See the "Erroneous Resend of Data Packet" note as the workaround is
the same when IN FIFO pairing is used.
34.8
OUT FIFO Pairing Operation
Description
When data packets are received from the host and FIFO pairing is used, the paired FIFOs
may get out of order.
Impact On Application
The received data packets are read out of order compared to the way they were sent from
the host. If the workaround is not implemented, the out of order packets would result in a
communication breakdown.
Workaround
Revision A and B - In the USB ISR, when an OUTx (x = the endpoint number of the OUT
FIFO) interrupt is detected, the OUT FIFOs respective busy bit should be unconditionally
cleared. The uPSD3400 USB firmware implements this workaround.
34.9
Missing ACK to host retransmission of SETUP packet
Description
If a host does not properly receive the ACK (due to noise) from the uPSD3400 in response
to a SETUP packet, it will resend the SETUP packet but the uPSD3400 will not respond with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com