| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422EB40U6T bảng dữ liệu(PDF) 220 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T bảng dữ liệu(HTML) 220 Page - STMicroelectronics |
|
220 / 293 page ![]() PSD module uPSD34xx 220/293 Figure 77. Detail of a single OMC 28.5.29 OMC allocator Outputs of the 16 OMCs can be routed to a combination of pins on Port A (80-pin devices only), Port B, or Port C as shown in Figure 78. OMCs are routed to port pins automatically after specifying pin numbers in PSDsoft Express. Routing can occur on a bit-by-bit basis, spitting OMC assignment between the ports. However, one OMC can be routed to one only port pin, not both ports. 28.5.30 Product term allocator Each OMC has a Product Term Allocator as shown in Figure 77 on page 220. PSDsoft Express uses PT Allocators to give and take product terms to and from other OMCs to fit a logic design into the available silicon resources. This happens automatically in PSDsoft Express, but understanding how PT allocation works will help if the logic design does not “fit”, in which case the user may try selecting a different pin or different OMC for the logic where more product terms may be available. The following list summarizes how product terms are allocated to each OMC, as shown in Table 112 on page 221. ● MCELLAB0-MCELLAB7 each have three native product terms and may borrow up to six more ● MCELLBC0-MCELLBC3 each have four native product terms and may borrow up to five more ● MCELLBC4-MCELLBC7 each have four native product terms and may borrow up to six more. D CLR PRE Q MUX MUX M U X M U X PSDsoft PSDsoft OUTPUT MACROCELL (OMC) PT PRESET (.PR) FROM AND-OR ARRAY BORROWED PTs PT CLEAR (.RE) NODE FEEDBACK (.FB) POLARITY SELECT, PSDsoft PT ALLOCATOR, DRAWS FROM LOCAL AND GLOBAL UNUSED PRODUCT TERMS. PSDsoft DICTATES. LENDED PTs DATA BIT FROM 8032 DATA BIT TO 8032 INDICATES MCU WRITE TO PARTICULAR CSIO OMC REGISTER MCU OVERRIDES PT PRESET AND CLR DURING MCU WRITE MCU READ OF PARTICULAR CSIOP OMC REGISTER OMC OUTPUT FROM AND-OR ARRAY TO PLD INPUT BUS FROM AND-OR ARRAY NATIVE PTs ALLOCATED PTs PT CLOCK (.C) FROM AND-OR ARRAY GLOBAL CLOCK (CLKIN) FROM PLD INPUT BUS OMC ALLO- CATOR O U T PRODUCT TERMS FROM OTHER OMCs AI06617A |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |