công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6T bảng dữ liệu(PDF) 201 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6T
Giải thích chi tiết về linh kiện  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T bảng dữ liệu(HTML) 201 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 197Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 198Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 199Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 200Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 201Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 202Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 203Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 204Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 293 page
background image
uPSD34xx
PSD module
201/293
28.5
PSD module detailed operation
Specific details are given here for the following key functional areas on the PSD Module:
●
Flash Memories
●
PLDs (DPLD and GPLD)
●
I/O Ports
●
Power Management
●
JTAG ISP and Debug Interface
28.5.1
Flash memory operation
The Flash memories are accessed through the 8032 Address, Data, and Control Bus
interfaces. Flash memories (and SRAM) cannot be accessed by any other bus master other
than the 8032 MCU (these are not dual-port memories).
The 8032 cannot write to Flash memory as it would an SRAM (supply address, supply data,
supply WR strobe, assume the data was correctly written to memory). Flash memory must
first be “unlocked” with a special instruction sequence of byte WRITE operations to invoke
an internal algorithm inside either Flash memory array, then a single data byte is written
(programmed) to the Flash memory array, then programming status is checked by a byte
READ operation or by checking the Ready/Busy pin (PC3). Table 107 on page 203 lists all
of the special instruction sequences to program a byte to either of the Flash memory arrays,
erase the arrays, and check for different types of status from the arrays.
This unlocking sequence is typical for many Flash memories to prevent accidental WRITEs
by errant code. However, it is possible to bypass this unlocking sequence to save time while
intentionally programming Flash memory.
PMMR2
B4h
Power Management Register
2. WRITE and READ.
Table 145
on
page 244
PMMR3
C7h
Power Management Register
3. WRITE and READ. However,
Bit 1 can be cleared only by a
reset condition.
Table 146
on
page 244
Page
E0h
Memory Page Register.
WRITE and READ.
Table 63
on
page 188
VM (Virtual
Memory)
E2h
Places PSD Module memories
into 8032 Program Address
Space and/or 8032 XDATA
Address Space. (VM overrides
initial non-volatile setting that
was specified in PSDsoft
Express. Reset restores initial
setting)
Table 104
on
page 197
Register
Name
Port A
(80-pin)
Port B Port C Port D Other
Description
Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com