| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F628AESS bảng dữ liệu(PDF) 178 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F628AESS bảng dữ liệu(HTML) 178 Page - Microchip Technology |
|
178 / 180 page ![]() PIC16F627A/628A/648A DS40044D-page 176 © 2005 Microchip Technology Inc. U Universal Synchronous Asynchronous Receiver Transmitter (USART) .................................................. 71 Asynchronous Receiver Setting Up Reception .......................................... 83 Asynchronous Receiver Mode Address Detect ................................................... 83 Block Diagram..................................................... 83 USART Asynchronous Mode ................................................... 77 Asynchronous Receiver .............................................. 80 Asynchronous Reception ............................................ 82 Asynchronous Transmission ....................................... 78 Asynchronous Transmitter .......................................... 77 Baud Rate Generator (BRG)....................................... 73 Block Diagrams Transmit .............................................................. 78 USART Receive.................................................. 80 BRGH bit ..................................................................... 73 Sampling ......................................................... 74, 75, 76 Synchronous Master Mode ......................................... 84 Synchronous Master Reception .................................. 86 Synchronous Master Transmission............................. 84 Synchronous Slave Mode ........................................... 87 Synchronous Slave Reception .................................... 88 Synchronous Slave Transmit ...................................... 87 V Voltage Reference Configuration............................................................... 67 Voltage Reference Module ......................................... 67 W Watchdog Timer (WDT) .................................................... 109 WWW Address.................................................................. 171 WWW, On-Line Support........................................................ 3 X XORLW Instruction ........................................................... 128 XORWF Instruction ........................................................... 128 |