| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CAL bảng dữ liệu(PDF) 399 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL bảng dữ liệu(HTML) 399 Page - Freescale Semiconductor, Inc |
|
399 / 1350 page ![]() Chapter 9 Inter-Integrated Circuit (IICV2) Block Description MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 399 9.3.2.2 IIC Frequency Divider Register (IBFD) Read and write anytime 76543210 R IBC7 IBC6 IBC5 IBC4 IBC3 IBC2 IBC1 IBC0 W Reset 00000000 = Unimplemented or Reserved Figure 9-4. IIC Bus Frequency Divider Register (IBFD) Table 9-2. IBFD Field Descriptions Field Description 7:0 IBC[7:0] I Bus Clock Rate 7:0 — This field is used to prescale the clock for bit rate selection. The bit clock generator is implemented as a prescale divider — IBC7:6, prescaled shift register — IBC5:3 select the prescaler divider and IBC2-0 select the shift register tap point. The IBC bits are decoded to give the tap and prescale values as shown in Table 9-3. Table 9-3. I-Bus Tap and Prescale Values IBC2-0 (bin) SCL Tap (clocks) SDA Tap (clocks) 000 5 1 001 6 1 010 7 2 011 8 2 100 9 3 101 10 3 110 12 4 111 15 4 IBC5-3 (bin) scl2start (clocks) scl2stop (clocks) scl2tap (clocks) tap2tap (clocks) 000 2741 001 2742 010 2964 011 6968 100 14 17 14 16 101 30 33 30 32 110 62 65 62 64 111 126 129 126 128 |