| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CAL bảng dữ liệu(PDF) 264 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL bảng dữ liệu(HTML) 264 Page - Freescale Semiconductor, Inc |
|
264 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 264 Freescale Semiconductor Operation RS ⇒ RD (translates to OR RD, R0, RS) Copies the content of RS to RD. CCR Effects Code and CPU Cycles MOV Move Register Content MOV NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles MOV RD, RS TRI 0 0 0 1 0 RD 0 0 0 RS 1 0 P |