| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CAL bảng dữ liệu(PDF) 259 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CAL bảng dữ liệu(HTML) 259 Page - Freescale Semiconductor, Inc |
|
259 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 259 Operation IMM8 ⇒ RD.H; Loads an eight bit immediate constant into the high byte of register RD. The low byte is not affected. CCR Effects Code and CPU Cycles LDH Load Immediate 8 bit Constant (High Byte) LDH NZ V C ———— N: Not affected. Z: Not affected. V: Not affected. C: Not affected. Source Form Address Mode Machine Code Cycles LDH RD, #IMM8 IMM8 1 1 1 1 1 RD IMM8 P |