| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 655 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 655 Page - Freescale Semiconductor, Inc |
|
655 / 1350 page ![]() Chapter 18 Memory Mapping Control (S12XMMCV3) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 655 Table 18-2. External Input Signals Associated with the MMC Signal I/O Description Availability MODC I Mode input Latched after RESET (active low) MODB I Mode input Latched after RESET (active low) MODA I Mode input Latched after RESET (active low) EROMCTL I EROM control input Latched after RESET (active low) ROMCTL I ROM control input Latched after RESET (active low) Table 18-3. External Output Signals Associated with the MMC Signal I/O Description Available in Modes NS SS NX ES EX ST CS0 O Chip select line 0 (see Table 18-4) CS1 O Chip select line 1 CS2 O Chip select line 2 CS3 O Chip select line 3 |