| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 441 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 441 Page - Freescale Semiconductor, Inc |
|
441 / 1350 page ![]() Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 441 10.3.2.17 MSCAN Identifier Acceptance Registers (CANIDAR0-7) On reception, each message is written into the background receive buffer. The CPU is only signalled to read the message if it passes the criteria in the identifier acceptance and identifier mask registers (accepted); otherwise, the message is overwritten by the next message (dropped). The acceptance registers of the MSCAN are applied on the IDR0–IDR3 registers (see Section 10.3.3.1, “Identifier Registers (IDR0–IDR3)”) of incoming messages in a bit by bit manner (see Section 10.4.3, “Identifier Acceptance Filter”). For extended identifiers, all four acceptance and mask registers are applied. For standard identifiers, only the first two (CANIDAR0/1, CANIDMR0/1) are applied. Read: Anytime Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1) Module Base + 0x0010 (CANIDAR0) 0x0011 (CANIDAR1) 0x0012 (CANIDAR2) 0x0013 (CANIDAR3) 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 Figure 10-20. MSCAN Identifier Acceptance Registers (First Bank) — CANIDAR0–CANIDAR3 |