| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 341 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 341 Page - Freescale Semiconductor, Inc |
|
341 / 1350 page ![]() Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 341 7.3.2.23 Input Control Overwrite Register (ICOVW) Read: Anytime Write: Anytime All bits reset to zero. 76543210 R NOVW7 NOVW6 NOVW5 NOVW4 NOVW3 NOVW2 NOVW1 NOVW0 W Reset 00000000 Figure 7-45. Input Control Overwrite Register (ICOVW) Table 7-29. ICOVW Field Descriptions Field Description 7:0 NOVW[7:0] No Input Capture Overwrite 0 The contents of the related capture register or holding register can be overwritten when a new input capture or latch occurs. 1 The related capture register or holding register cannot be written by an event unless they are empty (see Section 7.4.1.1, “IC Channels”). This will prevent the captured value being overwritten until it is read or latched in the holding register. |