| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC312XDP512F0CFVR bảng dữ liệu(PDF) 237 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR bảng dữ liệu(HTML) 237 Page - Freescale Semiconductor, Inc |
|
237 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 237 Operation RD.L & IMM8 ⇒ NONE Performs a bit wise logical AND between the low byte of register RD and an immediate 8 bit constant. Only the condition code flags get updated, but no result is written back. CCR Effects Code and CPU Cycles BITL Bit Test Immediate 8 bit Constant (Low Byte) BITL NZ V C ∆∆ 0— N: Set if bit 7 of the result is set; cleared otherwise. Z: Set if the 8 bit result is $00; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles BITL RD, #IMM8 IMM8 1 0 0 1 0 RD IMM8 P |