công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC912XDP512F0CFVR bảng dữ liệu(PDF) 813 Page - Freescale Semiconductor, Inc

tên linh kiện PC912XDP512F0CFVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR bảng dữ liệu(HTML) 813 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 809Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 810Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 811Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 812Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 813Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 814Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 815Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 817Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 813 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
813
M
PM7
TXCAN3
O
MSCAN3 transmit pin
GPIO
TXCAN4
O
MSCAN4 transmit pin
TXD3
O
Serial Communication Interface 3 transmit pin
GPIO
I/O
General-purpose I/O
PM6
RXCAN3
I
MSCAN3 receive pin
RXCAN4
I
MSCAN4 receive pin
RXD3
I
Serial Communication Interface 3 receive pin
GPIO
I/O
General-purpose I/O
PM5
TXCAN2
O
MSCAN2 transmit pin
TXCAN0
O
MSCAN0 transmit pin
TXCAN4
O
MSCAN4 transmit pin
SCK0
I/O
Serial Peripheral Interface 0 serial clock pin
If CAN0 is routed to PM[3:2] the SPI0 can still be used in
bidirectional master mode.
GPIO
I/O
General-purpose I/O
PM4
RXCAN2
I
MSCAN2 receive pin
RXCAN0
I
MSCAN0 receive pin
RXCAN4
I
MSCAN4 receive pin
MOSI0
I/O
Serial Peripheral Interface 0 master out/slave in pin
If CAN0 is routed to PM[3:2] the SPI0 can still be used in
bidirectional master mode.
GPIO
I/O
General-purpose I/O
PM3
TXCAN1
O
MSCAN1 transmit pin
TXCAN0
O
MSCAN0 transmit pin
SS0
I/O
Serial Peripheral Interface 0 slave select output in master
mode, input for slave mode or master mode.
GPIO
I/O
General-purpose I/O
PM2
RXCAN1
I
MSCAN1 receive pin
RXCAN0
I
MSCAN0 receive pin
MISO0
I/O
Serial Peripheral Interface 0 master in/slave out pin
GPIO
I/O
General-purpose I/O
PM1
TXCAN0
O
MSCAN0 transmit pin
GPIO
I/O
General-purpose I/O
PM0
RXCAN0
I
MSCAN0 receive pin
GPIO
I/O
General-purpose I/O
Table 22-1. Pin Functions and Priorities (Sheet 4 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com