| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 249 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 249 Page - Freescale Semiconductor, Inc |
|
249 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 249 Operation RS2 – RS1 ⇒ NONE (translates to SUB R0, RS1, RS2) RD – IMM16 ⇒ NONE (translates to CMPL RD, #IMM16[7:0]; CPCH RD, #IMM16[15:8]) Subtracts two 16 bit values and discards the result. CCR Effects Code and CPU Cycles CMP Compare CMP NZ V C ∆∆∆∆ N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. V: Set if a two´s complement overflow resulted from the operation; cleared otherwise. RS1[15] & RS2[15] & result[15] | RS1[15] & RS2[15] & result[15] RD[15] & IMM16[15] & result[15] | RD[15] & IMM16[15] & result[15] C: Set if there is a carry from the bit 15 of the result; cleared otherwise. RS1[15] & RS2[15] | RS1[15] & result[15] | RS2[15] & result[15] RD[15] & IMM16[15] | RD[15] & result[15] | IMM16[15] & result[15] Source Form Address Mode Machine Code Cycles CMP RS1, RS2 TRI 0 0 0 1 1 0 0 0 RS1 RS2 0 0 P CMP RS, #IMM16 IMM8 1 1 0 1 0 RS IMM16[7:0] P IMM8 1 1 0 1 1 RS IMM16[15:8] P |