công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S312XDP512F0MPVR bảng dữ liệu(PDF) 889 Page - Freescale Semiconductor, Inc

tên linh kiện S312XDP512F0MPVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR bảng dữ liệu(HTML) 889 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 885Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 886Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 887Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 888Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 889Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 890Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 891Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 892Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 893Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
889
22.4.5
Low-Power Options
22.4.5.1
Run Mode
No low-power options exist for this module in run mode.
22.4.5.2
Wait Mode
No low-power options exist for this module in wait mode.
22.4.5.3
Stop Mode
All clocks are stopped. There are asynchronous paths to generate interrupts from stop on port P, H, and J.
22.5
Initialization and Application Information
•
It is not recommended to write PORTx and DDRx in a word access. When changing the register
pins from inputs to outputs, the data may have extra transitions during the write access. Initialize
the port data register before enabling the outputs.
PE6
GPIO
GPIO
GPIO
TAGHI
TAGHI
GPIO
PE5
GPIO
GPIO
RE
TAGLO
TAGLO
GPIO
PE4
GPIO
or
ECLK
ECLK
or
GPIO
ECLK
or
GPIO
ECLK
ECLK
ECLK
or
GPIO
PE3
GPIO
GPIO
LDS
or
GPIO
LSTRB
LSTRB
LSTRB
PE2
GPIO
GPIO
WE
R/WR/WR/W
PJ5
GPIO
GPIO
GPIO
or
CS2
GPIO
GPIO
or
CS2
GPIO
or
CS2
PJ4
GPIO
GPIO
GPIO
or
CS0 (1)
GPIO
GPIO
or
CS0 (1)
GPIO
or
CS0
PJ2
GPIO
GPIO
GPIO
or
CS1
GPIO
GPIO
or
CS1
GPIO
or
CS1
PJ0
GPIO
GPIO
GPIO
or
CS3
GPIO
GPIO
or
CS3
GPIO
or
CS3
1 Depending on ROMON bit. Refer to Device Guide, S12X_EBI section and S12X_MMC section for details.
Table 22-70. Expanded Bus Pin Functions versus Operating Modes (continued)
Pin
Single-Chip Modes
Expanded Modes
Normal
Single-Chip
Special
Single-Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com