công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S312XDP512F0MPVR bảng dữ liệu(PDF) 722 Page - Freescale Semiconductor, Inc

tên linh kiện S312XDP512F0MPVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR bảng dữ liệu(HTML) 722 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 718Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 719Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 720Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 721Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 722Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 723Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 724Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 725Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 726Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
722
Freescale Semiconductor
is continued for another 32 lines. Upon tracing completion the breakpoint is generated, thus the breakpoint
does not occur at the tagged instruction boundary.
19.4.5.1.3
Storing with End-Trigger
Storing with end-trigger, data is stored in the trace buffer until the final state is entered, at which point the
DBG module will become disarmed and no more data will be stored. If the trigger is at the address of a
change of flow instruction the trigger event will not be stored in the trace buffer.
19.4.5.2
Trace Modes
The DBG module can operate in three trace modes. The mode is selected using the TRCMOD bits in the
DBGTCR register. In each mode tracing of XGATE or CPU information is possible. The source for the
trace is selected using the TSOURCE bits in the DBGTCR register. The modes are described in the
following subsections. The trace buffer organization is shown in Table 19-39.
19.4.5.2.1
Normal Mode
In normal mode, change of flow (COF) addresses will be stored.
COF addresses are defined as follows for the CPU:
•
Source address of taken conditional branches (long, short, bit-conditional, and loop primitives)
•
Destination address of indexed JMP, JSR and CALL instruction.
•
Destination address of RTI, RTS and RTC instructions
•
Vector address of interrupts, except for SWI and BDM vectors
LBRA, BRA, BSR, BGND as well as non-indexed JMP, JSR, and CALL instructions are not classified as
change of flow and are not stored in the trace buffer.
COF addresses are defined as follows for the XGATE:
•
Source address of taken conditional branches
•
Destination address of indexed JAL instructions.
•
First XGATE code address, determined by the vector contained in the XGATE XGVBR register
Change-of-flow addresses stored include the full 23-bit address bus in the case of CPU, the 16-bit address
bus for the XGATE module and an information byte, which contains a source/destination bit to indicate
whether the stored address was a source address or destination address.
19.4.5.2.2
Loop1 Mode
Loop1 mode, similarly to normal mode also stores only COF address information to the trace buffer, it
however allows the filtering out of redundant information.
The intent of loop1 mode is to prevent the trace buffer from being filled entirely with duplicate information
from a looping construct such as delays using the DBNE instruction or polling loops using
BRSET/BRCLR instructions. Immediately after address information is placed in the trace buffer, the DBG
module writes this value into a background register. This prevents consecutive duplicate address entries in
the trace buffer resulting from repeated branches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com