công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S312XDP512F0MPVR bảng dữ liệu(PDF) 640 Page - Freescale Semiconductor, Inc

tên linh kiện S312XDP512F0MPVR
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR bảng dữ liệu(HTML) 640 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 636Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 637Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 638Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 639Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 640Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 641Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 642Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 643Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 644Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
640
Freescale Semiconductor
17.4.3
Chip Access Restrictions
17.4.3.1
Illegal XGATE Accesses
A possible access error is flagged by the MMC and signalled to XGATE under the following conditions:
•
XGATE performs misaligned word (in case of load-store or opcode or vector fetch accesses).
•
XGATE accesses the register space (in case of opcode or vector fetch).
•
XGATE performs a write to Flash in any modes (in case of load-store access).
•
XGATE performs an access to a secured Flash in expanded modes (in case of load-store or opcode
or vector fetch accesses).
•
XGATE performs a write to non-XGATE region in RAM (RAM protection mechanism) (in case
of load-store access).
For further details refer to the XGATE Block Guide.
17.4.3.2
Illegal CPU Accesses
After programming the protection mechanism registers (see Figure 1-17, Figure 1-18, Figure 1-19, and
Figure 1-20) and setting the RWPE bit (see Figure 1-17) there are 3 regions recognized by the MMC
module:
1. XGATE RAM region
2. CPU RAM region
3. Shared Region (XGATE AND CPU)
If the RWPE bit is set the CPU write accesses into the XGATE RAM region are blocked. If the CPU tries
to write the XGATE RAM region the AVIF bit is set and an interrupt is generated if enabled. Furthermore
if the XGATE tries to write to outside of the XGATE RAM or shared regions and the RWPE bit is set, the
write access is suppressed and the access error will be flagged to the XGATE module (see Section 1.4.3.1,
“Illegal XGATE Accesses” and the XGATE Block Guide).
The bottom address of the XGATE RAM region always starts at the lowest implemented RAM address.
The values stored in the boundary registers define the boundary addresses in 256 byte steps. The 256 byte
block selected by any of the registers is always included in the respective region. For example setting the
shared region lower boundary register (RAMSHL) to $C1 and the shared region upper boundary register
(RAMSHU) to $E0 defines the shared region from address $0F_C100 to address $0F_E0FF in the global
memory space (see Figure 1-25).
The interrupt requests generated by the MMC are listed in Table 1-23. Refer to the Device User Guide for
the related interrupt vector address and interrupt priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com