| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8270 bảng dữ liệu(PDF) 158 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 bảng dữ liệu(HTML) 158 Page - Freescale Semiconductor, Inc |
|
158 / 1386 page ![]() Memory Map MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 3-14 Freescale Semiconductor 0x11391– 0x1139F Reserved — 15 bytes — — FCC2 Extended Registers 0x113A0 FCC2 internal rate port enable register (FIRPER2) R/W 32 bits 0x0000_0000 31.15.1.4/31-93 0x113A4 FCC2 internal rate event register (FIRER2) R/W 32 bits 0x0000_0000 31.15.1.5/31-94 0x113A8 FCC2 internal rate select register high (FIRSR2_HI) R/W 32 bits 0x0000_0000 31.15.1.6/31-95 0x113AC FCC2 internal rate select register low (FIRSR2_LO) R/W 32 bits 0x0000_0000 31.15.1.6/31-95 0x113B0 FCC2 general expansion mode register (GFEMR2) R/W 8 bits 0x00 30.2.1/30-7 0x113B1– 0x113CF Reserved — 31 bytes — — FCC3 Extended Registers 0x113D0 General FCC3 expansion mode register (GFEMR3) R/W 8 bits 0x00 30.2.1/30-7 0x113D1 Reserved — 47 bytes — — TC Layer 11 0x11400 TC1 mode register (TCMODE1)1 R/W 16 bits 0x0000 35.4.1.1/35-7 0x11402 TC1 cell delineation state machine register (CDSMR1)1 R/W 16 bits 0x0000 35.4.1.2/35-8 0x11404 TC1 event register (TCER1)1 R/W 16 bits 0x0000 35.4.1.3/35-9 0x11406 TC1 received cells counter (TC_RCC1)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x11408 TC1 mask register (TCMR1)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x1140A TC1 filtered cells counter (TC_FCC1)1 R/W 16 bits 0x0000 35.4.3.6/35-12 0x1140C TC1 corrected cells counter (TC_CCC1)1 R/W 16 bits 0x0000 35.4.3.4/35-12 0x1140E TC1 idle cells counter (TC_ICC1)1 R/W 16 bits 0x0000 35.4.3.5/35-12 0x11410 TC1 transmitted cells counter (TC_TCC1)1 R/W 16 bits 0x0000 35.4.3.2/35-11 0x11412 TC1 error cells counter (TC_ECC1)1 R/W 16 bits 0x0000 35.4.3.3/35-12 0x11414 Reserved — 12 bytes — — TC Layer 21 0x11420 TC2 mode register (TCMODE2)1 R/W 16 bits 0x0000 35.4.1.1/35-7 0x11422 TC2 cell delineation state machine register (CDSMR2)1 R/W 16 bits 0x0000 35.4.1.2/35-8 0x11424 TC2 event register (TCER2)1 R/W 16 bits 0x0000 35.4.1.3/35-9 0x11426 TC2 received cells counter (TC_RCC2)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x11428 TC2 mask register (TCMR2)1 R/W 16 bits 0x0000 35.4.1.4/35-10 0x1142A TC2 filtered cells counter (TC_FCC2)1 R/W 16 bits 0x0000 35.4.3.6/35-12 Table 3-1. Internal Memory Map (continued) Address (offset) Register R/W Size Reset Section/Page |