công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280 bảng dữ liệu(PDF) 185 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8280
Giải thích chi tiết về linh kiện  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 bảng dữ liệu(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-13
•
Spread. In the spread scheme, priorities are spread over the table so other sources can have lower
interrupt latencies. This scheme is also programmed in the SICR but cannot be changed
dynamically.
4.2.2.2
PIT, TMCNT, PCI, and IRQ Relative Priority
The MPC8280 has seven general-purpose interrupt requests (IRQs), five of which, with the PIT, the PCI
interrupt controller, and TMCNT, can be mapped to any XSIU location. IRQ6 and IRQ7 have fixed
priority.
4.2.2.3
Highest Priority Interrupt
In addition to the FCC/MCC/SCC relative priority option, SICR[HP] can be used to specify one interrupt
source as having highest priority. This interrupt remains within the same interrupt level as the other
interrupt controller interrupts, but is serviced before any other interrupt in the table.
If the highest priority feature is not used, select the interrupt request in XSIU1 to be the highest priority
interrupt; the standard interrupt priority order is used. SICR[HP] can be updated dynamically to allow the
user to change a normally low priority source into a high priority-source for a certain period.
4.2.3
Masking Interrupt Sources
By programming the SIU mask registers, SIMR_H and SIMR_L, the user can mask interrupt requests to
the core. Each SIMR bit corresponds to an interrupt source. To enable an interrupt, set the corresponding
SIMR bit. When a masked interrupt source has a pending interrupt request, the corresponding SIPNR bit
is set, even though the interrupt is not generated to the core. The user can mask all interrupt sources to
implement a polling interrupt servicing scheme.
When an interrupt source has multiple interrupting events, the user can individually mask these events by
programming a mask register within that block. Table 4-2 shows which interrupt sources have multiple
interrupting events. Figure 4-9 shows an example of how the masking occurs, using an SCC as an example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com