| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7263BH2T1 bảng dữ liệu(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BH2T1 bảng dữ liệu(HTML) 134 Page - STMicroelectronics |
|
134 / 145 page ![]() ST7263BDx ST7263BHx ST7263BKx ST7263BE 134/145 16.2 Device ordering information and transfer of customer code Customer code is made up of the FASTROM con- tents and the list of the selected options (if any). The FASTROM contents are to be sent on dis- kette, or by electronic means, with the hexadeci- mal file in .S19 format generated by the develop- ment tool. All unused bytes must be set to FFh. The selected options are communicated to STMi- croelectronics using the correctly completed OP- TION LIST appended. See page 138. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. |