| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G473PC bảng dữ liệu(PDF) 194 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G473PC bảng dữ liệu(HTML) 194 Page - STMicroelectronics |
|
194 / 229 page ![]() Electrical characteristics STM32G473xB STM32G473xC STM32G473xE 194/229 DS12712 Rev 5 Figure 54. Quad SPI timing diagram - DDR mode 5.3.29 UCPD characteristics UCPD1 controller complies with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.0 specifications. MSv36879V3 Data output IO0 IO2 IO4 Clock Data input IO0 IO2 IO4 t(CLK) tw(CLKH) tw(CLKL) tr(CLK) tf(CLK) tsf(IN) thf(IN) tvf(OUT) thr(OUT) IO1 IO3 IO5 IO1 IO3 IO5 tvr(OUT) thf(OUT) tsr(IN) thr(IN) Table 105. UCPD characteristics Symbol Parameter Conditions Min Typ Max Unit VDD UCPD operating supply voltage Sink mode only 3.0 3.3 3.6 V Sink and source mode 3.135 3.3 3.465 V |