| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72321AR7TC bảng dữ liệu(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321AR7TC bảng dữ liệu(HTML) 173 Page - STMicroelectronics |
|
173 / 189 page ![]() ST72321 173/189 13.2 THERMAL CHARACTERISTICS Notes: 1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) TQFP64 14x14 TQFP64 10x10 TQFP44 10x10 47 50 52 °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C |