công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM5366 bảng dữ liệu(PDF) 119 Page - PMC-Sierra, Inc

tên linh kiện PM5366
Giải thích chi tiết về linh kiện  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 bảng dữ liệu(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 115Page - PMC-Sierra, Inc PM5366 Datasheet HTML 116Page - PMC-Sierra, Inc PM5366 Datasheet HTML 117Page - PMC-Sierra, Inc PM5366 Datasheet HTML 118Page - PMC-Sierra, Inc PM5366 Datasheet HTML 119Page - PMC-Sierra, Inc PM5366 Datasheet HTML 120Page - PMC-Sierra, Inc PM5366 Datasheet HTML 121Page - PMC-Sierra, Inc PM5366 Datasheet HTML 122Page - PMC-Sierra, Inc PM5366 Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
107
inactive 64-byte identifier buffer can also be programmed with new messages
without timing constraints. Programming for TTI buffers is done one buffer at a
time by first programming the shadow buffer, switching to the shadow buffer for
the desired tributary, updating the desired tributary identifier buffer and finally
switching back from the shadow buffer to the tributary buffer. Switching between
the shadow buffer and normal buffer is synchronized to the start of each identifier
on a per-tributary basis.
9.29 Transmit Remote Alarm Processor (TRAP)
When configured for SONET compatible operation, each one of three TRAP
SONET/SDH Transmit Remote Alarm Processors processes remote alarm
indications of tributaries in an STS-3 stream. The virtual tributaries within an
STS-1 stream may be configured to accept either VT1.5 or VT2 tributary types.
The TRAP may also be configured for SDH compatible operation. The incoming
STM-1 stream may carry three AU3s or an AU4 with three TUG3s.
Two methods of encoding tributary remote alarms are supported, as selected on
a per-tributary basis by the ERDI bits of the TRAP Control registers and TTOP
Control registers. If the ERDI bits for a tributary are logic 0, RDI-V is transmitted
by setting bit 8 of the V5 byte to logic 1 and RFI-V is transmitted by setting bit 4
of the V5 byte to logic 1. Bits 6 and 7 of the Z7 will be zeros. If the ERDI bits for
a tributary are logic 1, extended RDI is effected. The triggers for ERDI-V are
programmable, but the following is always true if ERDI is configured:
-
bit 8 of the V5 byte equals bit 5 of the Z7 byte,
-
bit 7 of the Z7 byte is always the complement of bit 6 of the Z7 byte, and
-
if byte synchronous mapping is being used, bit 4 of V5 will equal the value
programmed through the Byte Synchronous Mapping Tributary Control
Indirect Access Data register; otherwise, it will be logic 0.
If the FORCEEN bit of the TRAP Control register is logic 1 then bit 8 of V5 (plus
bit 5 of Z7 if ERDI) reflects the state of the RDI bit of the TRAP Control register
and the ARDI bit of the TRAP Control register sets bit 6 of Z7 if ERDI; otherwise
it sets bit 4 of V5. If FORCEEN is logic 0, the source for RDI-V and RFI-V can
be any one of the RADEAST input, the RADWEST input or Telecom Drop bus
alarms.
The TRAP may be configured to insert tributary remote defect indications
(RDI-V), tributary remote fault indications (RFI-V) and tributary remote error
indications (REI-V) based on alarms detected in tributaries received on the
Telecom Drop bus, LDDATA[7:0]. The contents of the SONET/SDH Master
Tributary Remote Defect Indication Control register determine which alarms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com