công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIMXRT802PCAF4A bảng dữ liệu(PDF) 117 Page - NXP Semiconductors

tên linh kiện PIMXRT802PCAF4A
Giải thích chi tiết về linh kiện  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT802PCAF4A bảng dữ liệu(HTML) 117 Page - NXP Semiconductors

Back Button PIMXRT802PCAF4A Datasheet HTML 111Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 112Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 113Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 114Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 115Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 116Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 117Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 118Page - NXP Semiconductors PIMXRT802PCAF4A Datasheet HTML 119Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 117 / 119 page
background image
Applications — Applications that are described herein for any of these
products are for illustrative purposes only. NXP Semiconductors makes no
representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
Customers are responsible for the design and operation of their applications
and products using NXP Semiconductors products, and NXP Semiconductors
accepts no liability for any assistance with applications or customer product
design. It is customer’s sole responsibility to determine whether the NXP
Semiconductors product is suitable and fit for the customer’s applications and
products planned, as well as for the planned application and use of customer’s
third party customer(s). Customers should provide appropriate design and
operating safeguards to minimize the risks associated with their applications
and products.
NXP Semiconductors does not accept any liability related to any default,
damage, costs or problem which is based on any weakness or default in the
customer’s applications or products, or the application or use by customer’s
third party customer(s). Customer is responsible for doing all necessary testing
for the customer’s applications and products using NXP Semiconductors
products in order to avoid a default of the applications and the products or of the
application or use by customer’s third party customer(s). NXP does not accept
any liability in this respect.
Limiting values — Stress above one or more limiting values (as defined in
the Absolute Maximum Ratings System of IEC 60134) will cause permanent
damage to the device. Limiting values are stress ratings only and (proper)
operation of the device at these or any other conditions above those
given in the Recommended operating conditions section (if present) or the
Characteristics sections of this document is not warranted. Constant or
repeated exposure to limiting values will permanently and irreversibly affect the
quality and reliability of the device.
Terms and conditions of commercial sale — NXP Semiconductors products
are sold subject to the general terms and conditions of commercial sale,
as published at https://www.nxp.com/profile/terms, unless otherwise agreed
in a valid written individual agreement. In case an individual agreement
is concluded only the terms and conditions of the respective agreement
shall apply. NXP Semiconductors hereby expressly objects to applying the
customer’s general terms and conditions with regard to the purchase of NXP
Semiconductors products by customer.
No offer to sell or license — Nothing in this document may be interpreted or
construed as an offer to sell products that is open for acceptance or the grant,
conveyance or implication of any license under any copyrights, patents or other
industrial or intellectual property rights.
Bare die — All die are tested on compliance with their related technical
specifications as stated in this data sheet up to the point of wafer sawing
and are handled in accordance with the NXP Semiconductors storage and
transportation conditions. If there are data sheet limits not guaranteed, these
will be separately indicated in the data sheet. There are no post-packing tests
performed on individual die or wafers.
NXP Semiconductors has no control of third party procedures in the sawing,
handling, packing or assembly of the die. Accordingly, NXP Semiconductors
assumes no liability for device functionality or performance of the die or
systems after third party sawing, handling, packing or assembly of the die. It is
the responsibility of the customer to test and qualify their application in which
the die is used.
All die sales are conditioned upon and subject to the customer entering
into a written die sale agreement with NXP Semiconductors through its
legal department.
Quick reference data — The Quick reference data is an extract of the product
data given in the Limiting values and Characteristics sections of this document,
and as such is not complete, exhaustive or legally binding.
Export control — This document as well as the item(s) described herein may be
subject to export control regulations. Export might require a prior authorization
from competent authorities.
Suitability for use in non-automotive qualified products — Unless this
document expressly states that this specific NXP Semiconductors product
is automotive qualified, the product is not suitable for automotive use.
It is neither qualified nor tested in accordance with automotive testing
or application requirements. NXP Semiconductors accepts no liability for
inclusion and/or use of non-automotive qualified products in automotive
equipment or applications.
In the event that customer uses the product for design-in and use in automotive
applications to automotive specifications and standards, customer (a) shall use
the product without NXP Semiconductors’ warranty of the product for such
automotive applications, use and specifications, and (b) whenever customer
uses the product for automotive applications beyond NXP Semiconductors’
specifications such use shall be solely at customer’s own risk, and (c) customer
fully indemnifies NXP Semiconductors for any liability, damages or failed
product claims resulting from customer design and use of the product for
automotive applications beyond NXP Semiconductors’ standard warranty and
NXP Semiconductors’ product specifications.
Translations — A non-English (translated) version of a document, including
the legal information in that document, is for reference only. The English
version shall prevail in case of any discrepancy between the translated and
English versions.
NXP Semiconductors
Legal information
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
Data Sheet: Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More