| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893CK bảng dữ liệu(PDF) 120 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CK bảng dữ liệu(HTML) 120 Page - Integrated Circuit Systems |
|
120 / 126 page ![]() ICS1893CF, Rev. F, 03/01/07 Mar. 2007 120 Chapter 9 DC and AC Operating Conditions ICS1893CF Data Sheet - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 9.5.18 10Base-T: Jabber Timing Table 9-25 lists the significant time periods for the 10Base-T jabber. The time periods consist of timings of signals on the following pins: • TXEN • TP_TX (that is, TP_TXP and TP_TXN) • COL Figure 9-19 shows the timing diagram for the time periods. Note: For more information on 10Base-T jabber operations, see Section 6.5.9, “10Base-T Operation: Jabber”. Figure 9-19. 10Base-T Jabber Timing Diagram Table 9-25. 10Base-T Jabber Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Jabber Activation Time 10Base-T Half Duplex 20 – 35 ms t2 Jabber De-Activation Time 10Base-T Half Duplex 300 – 325 ms TXEN TP_TX COL t1 t2 |