công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS1893CFLF bảng dữ liệu(PDF) 109 Page - Integrated Circuit Systems

tên linh kiện ICS1893CFLF
Giải thích chi tiết về linh kiện  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF bảng dữ liệu(HTML) 109 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 105Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 106Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 107Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 108Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 109Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 110Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 113Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 126 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
109
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.7 MII Management Interface Timing
Table 9-14 lists the significant time periods for the MII Management Interface timing (which consists of
timings of signals on the MDC and MDIO pins). Figure 9-8 shows the timing diagram for the time periods.
† The ICS1893CF is tested at 25 MHz (a 40-ns period) with a 50-pF load. Designs must account for all board loading
of MDC.
Figure 9-8. MII Management Interface Timing Diagram
Table 9-14. MII Management Interface Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
MDC Minimum High Time
–
160
–
–
ns
t2
MDC Minimum Low Time
–
160
–
–
ns
t3
MDC Period
–
400†
†
–
ns
t4
MDC Rise Time to MDIO Valid
–
0
–
300
ns
t5
MDIO Setup Time to MDC
–
10
–
–
ns
t6
MDIO Hold Time after MDC
–
10
–
–
ns
MDC
MDIO
(Output)
MDC
MDIO
(Input)
t1
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More