| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F258-E/SP bảng dữ liệu(PDF) 152 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/SP bảng dữ liệu(HTML) 152 Page - Microchip Technology |
|
152 / 402 page ![]() PIC18FXX8 DS41159E-page 150 © 2006 Microchip Technology Inc. FIGURE 17-5: SPI™ MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 17-6: SPI™ MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 cycle after Q2 ↓ |