| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F258-E/SP bảng dữ liệu(PDF) 397 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/SP bảng dữ liệu(HTML) 397 Page - Microchip Technology |
|
397 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 395 PIC18FXX8 Timer1 ............................................................................... 113 16-bit Read/Write Mode ............................................ 115 Associated Registers ................................................ 116 Operation .................................................................. 114 Oscillator ........................................................... 113, 115 Overflow Interrupt ............................................. 113, 115 Special Event Trigger (CCP)............................. 115, 126 Special Event Trigger (ECCP) .................................. 133 TMR1H Register ....................................................... 113 TMR1L Register........................................................ 113 TMR3L Register........................................................ 119 Timer2 ............................................................................... 117 Associated Registers ................................................ 118 Operation .................................................................. 117 Postscaler. See Postscaler, Timer2. PR2 Register..................................................... 117, 128 Prescaler. See Prescaler, Timer2. SSP Clock Shift................................................. 117, 118 TMR2 Register.......................................................... 117 TMR2 to PR2 Match Interrupt ................... 117, 118, 128 Timer3 ............................................................................... 119 Associated Registers ................................................ 121 Operation .................................................................. 120 Oscillator ................................................................... 121 Overflow Interrupt ............................................. 119, 121 Special Event Trigger (CCP)..................................... 121 TMR3H Register ....................................................... 119 Timing Conditions ............................................................. 342 Load Conditions for Device Timing Specifications ........................................ 342 Temperature and Voltage Specifications – AC........................................... 342 Timing Diagrams A/D Conversion ......................................................... 359 Acknowledge Sequence ........................................... 176 Baud Rate Generator with Clock Arbitration ............................................... 170 BRG Reset Due to SDA Arbitration During Start Condition ...................................... 179 Brown-out Reset (BOR) and Low-Voltage Detect .......................................... 345 Bus Collision During a Repeated Start Condition (Case 1) ................................... 180 Bus Collision During a Repeated Start Condition (Case2) .................................... 180 Bus Collision During a Stop Condition (Case 1) ............................................ 181 Bus Collision During a Stop Condition (Case 2) ................................... 181 Bus Collision During Start Condition (SCL = 0).................................. 179 Bus Collision During Start Condition (SDA Only) ............................... 178 Bus Collision for Transmit and Acknowledge .................................................... 177 Capture/Compare/PWM (CCP1 and ECCP1) .......................................... 347 CLKO and I/O ........................................................... 344 Clock Synchronization .............................................. 163 Clock/Instruction Cycle ............................................... 41 External Clock........................................................... 343 First Start Bit ............................................................. 171 Full-Bridge PWM Output ........................................... 137 Half-Bridge PWM Output .......................................... 136 I2C Bus Data............................................................. 353 I2C Bus Start/Stop Bits ............................................. 353 I2C Master Mode (Reception, 7-bit Address) ................................................... 175 I2C Master Mode (Transmission, 7 or 10-bit Address) .......................................... 174 I2C Slave Mode (Transmission, 10-bit Address) ................................................. 161 I2C Slave Mode (Transmission, 7-bit Address) ................................................... 159 I2C Slave Mode with SEN = 0 (Reception, 10-bit Address) ................................................. 160 I2C Slave Mode with SEN = 0 (Reception, 7-bit Address) ................................................... 158 I2C Slave Mode with SEN = 1 (Reception, 10-bit Address) ................................................. 165 I2C Slave Mode with SEN = 1 (Reception, 7-bit Address) ................................................... 164 Low-Voltage Detect .................................................. 262 Master SSP I2C Bus Data ........................................ 355 Master SSP I2C Bus Start/Stop Bits ......................... 355 Parallel Slave Port (PIC18F248 and PIC18F458) ............................................... 348 Parallel Slave Port Read .......................................... 108 Parallel Slave Port Write........................................... 107 PWM Direction Change ............................................ 139 PWM Direction Change at Near 100% Duty Cycle .............................................. 139 PWM Output ............................................................. 128 Repeated Start Condition ......................................... 172 Reset, Watchdog Timer (WDT), Oscillator Start-up Timer (OST), Power-up Timer (PWRT) .................................. 345 Slave Mode General Call Address Sequence (7 or 10-bit Address Mode)............................... 166 Slave Synchronization .............................................. 149 Slow Rise Time (MCLR Tied to VDD) ......................... 29 SPI Master Mode...................................................... 148 SPI Master Mode Example (CKE = 0) ...................... 349 SPI Master Mode Example (CKE = 1) ...................... 350 SPI Slave Mode (with CKE = 0)................................ 150 SPI Slave Mode (with CKE = 1)................................ 150 SPI Slave Mode Example (CKE = 0) ........................ 351 SPI Slave Mode Example (CKE = 1) ........................ 352 Stop Condition Receive or Transmit Mode.................................................. 176 Time-out Sequence on POR w/PLL Enabled (MCLR Tied to VDD) ........................................... 29 Time-out Sequence on Power-up (MCLR Not Tied to VDD) Case 1 ................................................................ 28 Case 2 ................................................................ 28 Time-out Sequence on Power-up (MCLR Tied to VDD) ........................................... 28 Timer0 and Timer1 External Clock ........................... 346 Transition Between Timer1 and OSC1 (HS with PLL)........................................... 22 Transition Between Timer1 and OSC1 (HS, XT, LP) ............................................ 21 Transition Between Timer1 and OSC1 (RC, EC) .................................................. 22 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |