| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-E/SS bảng dữ liệu(PDF) 266 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SS bảng dữ liệu(HTML) 266 Page - Microchip Technology |
|
266 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 264 Preliminary © 2007 Microchip Technology Inc. 19.1 Package Marking Information (Continued) 3 e 40-Lead PDIP XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXX YYWWNNN Example PIC16F885 0510017 XXXXXXXXXX 44-Lead QFN XXXXXXXXXX XXXXXXXXXX YYWWNNN PIC16F887 Example -I/ML 0510017 44-Lead TQFP XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN Example PIC16F887 -I/PT 0510017 3 e 3 e -I/P Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |