công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685-I/ML bảng dữ liệu(PDF) 290 Page - Microchip Technology

tên linh kiện PIC16F685-I/ML
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-I/ML bảng dữ liệu(HTML) 290 Page - Microchip Technology

Back Button PIC16F685-I/ML Datasheet HTML 286Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 287Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 288Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 289Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 290Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 291Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 292Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 293Page - Microchip Technology PIC16F685-I/ML Datasheet HTML 294Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 290 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 288
© 2007 Microchip Technology Inc.
Timer2
Associated registers.................................................... 92
Timers
Timer1
T1CON ................................................................ 88
Timer2
T2CON ................................................................ 92
Timing Diagrams
A/D Conversion ......................................................... 253
A/D Conversion (Sleep Mode) .................................. 254
Asynchronous Reception .......................................... 156
Asynchronous Transmission ..................................... 152
Asynchronous Transmission (Back to Back) ............ 152
Auto Wake-up Bit (WUE) During Normal Operation . 166
Auto Wake-up Bit (WUE) During Sleep .................... 167
Automatic Baud Rate Calculator ............................... 165
Brown-out Reset (BOR) ............................................ 241
Brown-out Reset Situations ...................................... 198
CLKOUT and I/O....................................................... 240
Clock Synchronization .............................................. 192
Clock Timing ............................................................. 238
Comparator Output ..................................................... 93
Enhanced Capture/Compare/PWM (ECCP) ............. 244
EUSART Synchronous Receive (Master/Slave) ....... 246
EUSART Synchronous Transmission
(Master/Slave)................................................... 246
Fail-Safe Clock Monitor (FSCM) ................................. 58
Full-Bridge PWM Output ........................................... 138
Half-Bridge PWM Output .................................. 136, 143
I2C Bus Data ............................................................. 250
I2C Bus Start/Stop Bits.............................................. 249
I2C Reception (7-bit Address) ................................... 186
I2C Slave Mode (Transmission, 10-bit Address) ....... 190
I2C Slave Mode with SEN = 0 (Reception,
10-bit Address).................................................. 188
I2C Transmission (7-bit Address) .............................. 189
INT Pin Interrupt........................................................ 206
Internal Oscillator Switch Timing................................. 54
PWM Auto-shutdown
Auto-restart Enabled ......................................... 142
Firmware Restart .............................................. 142
PWM Direction Change ............................................ 139
PWM Direction Change at Near 100% Duty Cycle ... 140
PWM Output (Active-High)........................................ 134
PWM Output (Active-Low) ........................................ 135
Reset, WDT, OST and Power-up Timer ................... 241
Send Break Character Sequence ............................. 168
Slave Synchronization .............................................. 181
SPI Master Mode (CKE = 1, SMP = 1) ..................... 247
SPI Mode (Master Mode) .......................................... 180
SPI Mode (Slave Mode with CKE = 0) ...................... 182
SPI Mode (Slave Mode with CKE = 1) ...................... 182
SPI Slave Mode (CKE = 0) ....................................... 248
SPI Slave Mode (CKE = 1) ....................................... 248
Synchronous Reception (Master Mode, SREN) ....... 172
Synchronous Transmission....................................... 170
Synchronous Transmission (Through TXEN) ........... 170
Time-out Sequence
Case 1............................................................... 200
Case 2............................................................... 200
Case 3............................................................... 200
Timer0 and Timer1 External Clock ........................... 243
Timer1 Incrementing Edge.......................................... 87
Two Speed Start-up .................................................... 56
Wake-up from Interrupt ............................................. 211
Timing Parameter Symbology .......................................... 237
Timing Requirements
I2C Bus Data............................................................. 251
I2C Bus Start/Stop Bits ............................................. 250
SPI Mode .................................................................. 249
TRISA
Registers .................................................................... 59
TRISA Register................................................................... 59
TRISB
Registers .................................................................... 69
TRISB Register................................................................... 70
TRISC
Registers .................................................................... 76
TRISC Register................................................................... 76
Two-Speed Clock Start-up Mode........................................ 55
TXREG ............................................................................. 151
TXSTA Register................................................................ 158
BRGH Bit .................................................................. 161
U
UA..................................................................................... 176
Ultra Low-Power Wake-up .............. 14, 16, 18, 20, 22, 60, 63
Update Address bit, UA .................................................... 176
V
Voltage Reference (VR)
Specifications ........................................................... 245
Voltage Reference. See Comparator
Voltage Reference (CVREF)
Voltage References
Associated registers ................................................. 106
VP6 Stabilization ...................................................... 105
VRCON Register .............................................................. 106
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 166
Wake-up Using Interrupts ................................................. 210
Watchdog Timer (WDT).................................................... 208
Associated registers ................................................. 209
Clock Source ............................................................ 208
Modes ....................................................................... 208
Period ....................................................................... 208
Specifications ........................................................... 242
WCOL bit .......................................................................... 177
WDTCON Register ........................................................... 209
WPUA Register................................................................... 62
WPUB Register................................................................... 70
Write Collision Detect bit (WCOL) .................................... 177
WWW Address ................................................................. 289
WWW, On-Line Support ....................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com