công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F258-I/LSQTP bảng dữ liệu(PDF) 233 Page - Microchip Technology

tên linh kiện PIC18F258-I/LSQTP
Giải thích chi tiết về linh kiện  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP bảng dữ liệu(HTML) 233 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 229Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 230Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 231Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 232Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 233Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 234Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 235Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 236Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 231
PIC18FXX8
FIGURE 19-5:
INTERNAL MESSAGE RECEPTION FLOWCHART
Start
Detect
Start of
Message?
Valid
Message
Received?
Generate
Error
Message
Identifier meets a
Filter Criteria?
Is
RXFUL = 0?
Go to Start
Move Message into RXB0
Set RXRDY = 1
Set FILHIT <2:0>
Is
RXFUL = 0?
Move Message into RXB1
Set RXRDY = 1
Yes, meets criteria
for RXBO
Yes, meets criteria
for RXB1
No
Generate
Interrupt
Yes
Yes
No
No
Yes
Yes
No
No
Yes
Yes
Frame
The RXFUL bit determines if the
receive register is empty and able
to accept a new message.
No
Yes
No
Generate Overrun Error:
Begin Loading Message into
Message Assembly Buffer (MAB)
according to which Filter
Criteria was met
Is
RXIE = 1?
Is
RXIE = 1?
Is
RX0DBEN = 1?
The RXB0DBEN bit determines if
RXB0 can rollover into RXB1 if it is
full.
Set RXB0OVFL
Generate Overrun Error:
Set RXB1OVFL
Is
ERRIE = 1?
No
Go to Start
Yes
No
Set FILHIT <0>
according to which Filter
Criteria was met
Set CANSTAT <3:0> according
to which Receive Buffer the
Message was loaded into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com