| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/SSSQTP bảng dữ liệu(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/SSSQTP bảng dữ liệu(HTML) 196 Page - Microchip Technology |
|
196 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 194 © 2007 Microchip Technology Inc. 14.1 Configuration Bits The Configuration bits can be programmed (read as ‘0’), or left unprogrammed (read as ‘1’) to select various device configurations as shown in Register 14-2. These bits are mapped in program memory location 2007h. Note: Address 2007h is beyond the user program memory space. It belongs to the special configuration memory space (2000h- 3FFFh), which can be accessed only during programming. See “PIC12F6XX/16F6XX Memory Programming Specification” (DS41204) for more information. |