| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/SSSQTP bảng dữ liệu(PDF) 185 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/SSSQTP bảng dữ liệu(HTML) 185 Page - Microchip Technology |
|
185 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 183 PIC16F631/677/685/687/689/690 13.8 Sleep Operation In Master mode, all module clocks are halted and the transmission/reception will remain in that state until the device wakes from Sleep. After the device returns to Normal mode, the module will continue to transmit/ receive data. In Slave mode, the SPI Transmit/Receive Shift register operates asynchronously to the device. This allows the device to be placed in Sleep mode and data to be shifted into the SPI Transmit/Receive Shift register. When all 8 bits have been received, the SSP interrupt flag bit will be set and if enabled, will wake the device from Sleep. 13.9 Effects of a Reset A Reset disables the SSP module and terminates the current transfer. 13.10 Bus Mode Compatibility Table 13-1 shows the compatibility between the standard SPI modes and the states of the CKP and CKE control bits. TABLE 13-1: SPI BUS MODES There is also a SMP bit which controls when the data is sampled. TABLE 13-2: REGISTERS ASSOCIATED WITH SPI OPERATION(1) Standard SPI Mode Terminology Control Bits State CKP CKE 0 , 00 1 0 , 10 0 1 , 01 1 1 , 11 0 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets 0Bh/8Bh/ 10Bh/18Bh INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF 0000 000x 0000 000x 0Ch PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 -000 0000 13h SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register xxxx xxxx uuuu uuuu 14h SSPCON WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 0000 0000 0000 0000 86h/186h TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- 87h/187h TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 8Ch PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE -000 0000 -000 0000 94h SSPSTAT SMP CKE D/A P S R/W UA BF 0000 0000 0000 0000 Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the SSP in SPI mode. Note 1: PIC16F687/PIC16F689/PIC16F690 only. |