| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/SSSQTP bảng dữ liệu(PDF) 175 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/SSSQTP bảng dữ liệu(HTML) 175 Page - Microchip Technology |
|
175 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 173 PIC16F631/677/685/687/689/690 12.4.2 SYNCHRONOUS SLAVE MODE The following bits are used to configure the EUSART for Synchronous slave operation: • SYNC = 1 • CSRC = 0 • SREN = 0 (for transmit); SREN = 1 (for receive) • CREN = 0 (for transmit); CREN = 1 (for receive) • SPEN = 1 Setting the SYNC bit of the TXSTA register configures the device for synchronous operation. Clearing the CSRC bit of the TXSTA register configures the device as a slave. Clearing the SREN and CREN bits of the RCSTA register ensures that the device is in the Transmit mode, otherwise the device will be configured to receive. Setting the SPEN bit of the RCSTA register enables the EUSART. If the RX/DT or TX/CK pins are shared with an analog peripheral the analog I/O functions must be disabled by clearing the corresponding ANSEL bits. 12.4.2.1 EUSART Synchronous Slave Transmit The operation of the Synchronous Master and Slave modes are identical (see Section 12.4.1.3 “Synchronous Master Transmission”), except in the case of the Sleep mode. If two words are written to the TXREG and then the SLEEP instruction is executed, the following will occur: 1. The first character will immediately transfer to the TSR register and transmit. 2. The second word will remain in TXREG register. 3. The TXIF bit will not be set. 4. After the first character has been shifted out of TSR, the TXREG register will transfer the second character to the TSR and the TXIF bit will now be set. 5. If the PEIE and TXIE bits are set, the interrupt will wake the device from Sleep and execute the next instruction. If the GIE bit is also set, the program will call the interrupt service routine. 12.4.2.2 Synchronous Slave Transmission Set-up: 1. Set the SYNC and SPEN bits and clear the CSRC bit. 2. Clear the CREN and SREN bits. 3. If using interrupts, ensure that the GIE and PEIE bits of the INTCON register are set and set the TXIE bit. 4. If 9-bit transmission is desired, set the TX9 bit. 5. Enable transmission by setting the TXEN bit. 6. If 9-bit transmission is selected, insert the Most Significant bit into the TX9D bit. 7. Start transmission by writing the Least Significant 8 bits to the TXREG register. TABLE 12-9: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE TRANSMISSION Name Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Value on POR, BOR Value on all other Resets BAUDCTL ABDOVF RCIDL —SCKP BRG16 — WUE ABDEN 01-0 0-00 01-0 0-00 INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF 0000 000x 0000 000x PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE -000 0000 -000 0000 PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 -000 0000 RCREG EUSART Receive Data Register 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x SPBRG BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 0000 0000 0000 0000 SPBRGH BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 0000 0000 0000 0000 TRISB TRISB7 TRISB6 TRISB5 TRISB4 1111 ---- 1111 ---- TXREG EUSART Transmit Data Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 0000 0010 0000 0010 Legend: x = unknown, – = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Slave Transmission. |