công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F23K20-E/SP bảng dữ liệu(PDF) 227 Page - Microchip Technology

tên linh kiện PIC18F23K20-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SP bảng dữ liệu(HTML) 227 Page - Microchip Technology

Back Button PIC18F23K20-E/SP Datasheet HTML 223Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 224Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 225Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 226Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 227Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 228Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 229Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 230Page - Microchip Technology PIC18F23K20-E/SP Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 225
PIC18F2XK20/4XK20
TABLE 17-4:
SUMMARY OF REGISTERS ASSOCIATED WITH I2C™
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
page
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
60
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
60
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
60
IPR2
—
—
—
—BCLIP
—
—
—60
PIR2
—
—
—
—BCLIF
—
—
—60
PIE2
—
—
—
—BCLIE
—
—
—60
SSPADD
SSP Address Register in I2C™ Slave Mode. SSP Baud Rate Reload Register in I2C Master Mode.
58
SSPBUF
SSP Receive Buffer/Transmit Register
58
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
58
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
58
SSPMSK
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
61
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
58
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
60
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More