| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-E/PSQTP bảng dữ liệu(PDF) 120 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/PSQTP bảng dữ liệu(HTML) 120 Page - Microchip Technology |
|
120 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 118 © 2007 Microchip Technology Inc. TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 ADFM VCFG CHS3 CHS2 CHS1 CHS0 GO/DONE ADON 0000 0000 0000 0000 ADCON1 — ADCS2 ADCS1 ADCS0 — — — — -000 ---- -000 ---- ANSEL ANS7 ANS6 ANS5 ANS4 ANS3 ANS2 ANS1 ANS0 1111 1111 1111 1111 ANSELH — — — — ANS11 ANS10 ANS9 ANS8 ---- 1111 ---- 1111 ADRESH A/D Result Register High Byte xxxx xxxx uuuu uuuu ADRESL A/D Result Register Low Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE T0IE INTE RABIE T0IF INTF RABIF 0000 000x 0000 000x PIE1 —ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE -000 0000 -000 0000 PIR1 —ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 -000 0000 PORTA — — RA5 RA4 RA3 RA2 RA1 RA0 --xx xxxx --uu uuuu PORTB RB7 RB6 RB5 RB4 — — — — xxxx ---- uuuu ---- PORTC RC7 RC6 RC5 RC4 RC3 RC2 RC1 RC0 xxxx xxxx uuuu uuuu TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111 TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for ADC module. |