| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-E/PTSQTP bảng dữ liệu(PDF) 204 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/PTSQTP bảng dữ liệu(HTML) 204 Page - Microchip Technology |
|
204 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 202 Preliminary © 2007 Microchip Technology Inc. 13.4.16.2 Bus Collision During a Repeated Start Condition During a Repeated Start condition, a bus collision occurs if: a) A low level is sampled on SDA when SCL goes from low level to high level. b) SCL goes low before SDA is asserted low, indi- cating that another master is attempting to trans- mit a data ’1’. When the user de-asserts SDA and the pin is allowed to float high, the BRG is loaded with SSPADD<6:0> and counts down to 0. The SCL pin is then de-asserted, and when sampled high, the SDA pin is sampled. If SDA is low, a bus collision has occurred (i.e, another master is attempting to transmit a data ‘0’, see Figure 13-24). If SDA is sampled high, the BRG is reloaded and begins counting. If SDA goes from high-to-low before the BRG times out, no bus collision occurs because no two masters can assert SDA at exactly the same time. If SCL goes from high-to-low before the BRG times out and SDA has not already been asserted, a bus collision occurs. In this case, another master is attempting to transmit a data ‘1’ during the Repeated Start condition (Figure 13-25). If at the end of the BRG time-out, both SCL and SDA are still high, the SDA pin is driven low and the BRG is reloaded and begins counting. At the end of the count, regardless of the status of the SCL pin, the SCL pin is driven low and the Repeated Start condition is complete. FIGURE 13-24: BUS COLLISION DURING A REPEATED START CONDITION (CASE 1) FIGURE 13-25: BUS COLLISION DURING REPEATED START CONDITION (CASE 2) SDA SCL RSEN BCLIF S SSPIF Sample SDA when SCL goes high, If SDA = 0, set BCLIF and release SDA and SCL Cleared in software ‘0’ ‘0’ SDA SCL BCLIF RSEN S SSPIF Interrupt cleared in software SCL goes low before SDA, Set BCLIF, release SDA and SCL TBRG TBRG ‘0’ |