| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2012AT30E/SO bảng dữ liệu(PDF) 139 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT30E/SO bảng dữ liệu(HTML) 139 Page - Microchip Technology |
|
139 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 137 dsPIC30F2011/2012/3012/3013 9BTG BTG f,#bit4 Bit Toggle f 1 1 None BTG Ws,#bit4 Bit Toggle Ws 1 1 None 10 BTSC BTSC f,#bit4 Bit Test f, Skip if Clear 1 1 (2 or 3) None BTSC Ws,#bit4 Bit Test Ws, Skip if Clear 1 1 (2 or 3) None 11 BTSS BTSS f,#bit4 Bit Test f, Skip if Set 1 1 (2 or 3) None BTSS Ws,#bit4 Bit Test Ws, Skip if Set 1 1 (2 or 3) None 12 BTST BTST f,#bit4 Bit Test f 1 1 Z BTST.C Ws,#bit4 Bit Test Ws to C 1 1 C BTST.Z Ws,#bit4 Bit Test Ws to Z 1 1 Z BTST.C Ws,Wb Bit Test Ws<Wb> to C 1 1 C BTST.Z Ws,Wb Bit Test Ws<Wb> to Z 1 1 Z 13 BTSTS BTSTS f,#bit4 Bit Test then Set f 1 1 Z BTSTS.C Ws,#bit4 Bit Test Ws to C, then Set 1 1 C BTSTS.Z Ws,#bit4 Bit Test Ws to Z, then Set 1 1 Z 14 CALL CALL lit23 Call subroutine 2 2 None CALL Wn Call indirect subroutine 1 2 None 15 CLR CLR f f = 0x0000 1 1 None CLR WREG WREG = 0x0000 1 1 None CLR Ws Ws = 0x0000 1 1 None CLR Acc,Wx,Wxd,Wy,Wyd,AWB Clear Accumulator 1 1 OA,OB,SA,SB 16 CLRWDT CLRWDT Clear Watchdog Timer 1 1 WDTO,Sleep 17 COM COM f f = f 11 N,Z COM f,WREG WREG = f 11 N,Z COM Ws,Wd Wd = Ws 11 N,Z 18 CP CP f Compare f with WREG 1 1 C,DC,N,OV,Z CP Wb,#lit5 Compare Wb with lit5 1 1 C,DC,N,OV,Z CP Wb,Ws Compare Wb with Ws (Wb - Ws) 1 1 C,DC,N,OV,Z 19 CP0 CP0 f Compare f with 0x0000 1 1 C,DC,N,OV,Z CP0 Ws Compare Ws with 0x0000 1 1 C,DC,N,OV,Z 20 CPB CPB f Compare f with WREG, with Borrow 1 1 C,DC,N,OV,Z CPB Wb,#lit5 Compare Wb with lit5, with Borrow 1 1 C,DC,N,OV,Z CPB Wb,Ws Compare Wb with Ws, with Borrow (Wb - Ws - C) 1 1 C,DC,N,OV,Z 21 CPSEQ CPSEQ Wb, Wn Compare Wb with Wn, skip if = 1 1 (2 or 3) None 22 CPSGT CPSGT Wb, Wn Compare Wb with Wn, skip if > 1 1 (2 or 3) None 23 CPSLT CPSLT Wb, Wn Compare Wb with Wn, skip if < 1 1 (2 or 3) None 24 CPSNE CPSNE Wb, Wn Compare Wb with Wn, skip if ≠ 11 (2 or 3) None 25 DAW DAW Wn Wn = decimal adjust Wn 1 1 C 26 DEC DEC f f = f -1 1 1 C,DC,N,OV,Z DEC f,WREG WREG = f -1 1 1 C,DC,N,OV,Z DEC Ws,Wd Wd = Ws - 1 1 1 C,DC,N,OV,Z 27 DEC2 DEC2 f f = f -2 1 1 C,DC,N,OV,Z DEC2 f,WREG WREG = f -2 1 1 C,DC,N,OV,Z DEC2 Ws,Wd Wd = Ws - 2 1 1 C,DC,N,OV,Z 28 DISI DISI #lit14 Disable Interrupts for k instruction cycles 1 1 None TABLE 18-2: INSTRUCTION SET OVERVIEW (CONTINUED) Base Instr # Assembly Mnemonic Assembly Syntax Description # of Words # of Cycles Status Flags Affected |