| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201E/SP bảng dữ liệu(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/SP bảng dữ liệu(HTML) 160 Page - Microchip Technology |
|
160 / 234 page ![]() PIC24HJ12GP201/202 DS70282B-page 158 Preliminary © 2007 Microchip Technology Inc. REGISTER 17-4: AD1CHS123: ADC1 INPUT CHANNEL 1, 2, 3 SELECT REGISTER U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 — — — — — CH123NB<1:0> CH123SB bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 — — — — — CH123NA<1:0> CH123SA bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-11 Unimplemented: Read as ‘0’ bit 10-9 CH123NB<1:0>: Channel 1, 2, 3 Negative Input Select for Sample B bits PIC24HJ12GP201 devices only: If AD12B = 1: 11 = Reserved 10 = Reserved 01 = Reserved 00 = Reserved If AD12B = 0: 11 = Reserved 10 = Reserved 01 = CH1, CH2, CH3 negative input is VREF- 00 = CH1, CH2, CH3 negative input is VREF- PIC24HJ12GP202 devices only: If AD12B = 1: 11 = Reserved 10 = Reserved 01 = Reserved 00 = Reserved If AD12B = 0: 11 = CH1 negative input is AN9, CH2 and CH3 negative inputs are not connected 10 = CH1 negative input is AN6, CH2 negative input is AN7, CH3 negative input is AN8 01 = CH1, CH2, CH3 negative input is VREF- 00 = CH1, CH2, CH3 negative input is VREF- bit 8 CH123SB: Channel 1, 2, 3 Positive Input Select for Sample B bit If AD12B = 1: 1 = Reserved 0 = Reserved If AD12B = 0: 1 = CH1 positive input is AN3, CH2 positive input is AN4, CH3 positive input is AN5 0 = CH1 positive input is AN0, CH2 positive input is AN1, CH3 positive input is AN2 bit 7-3 Unimplemented: Read as ‘0’ |