| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2011A20E/P bảng dữ liệu(PDF) 138 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011A20E/P bảng dữ liệu(HTML) 138 Page - Microchip Technology |
|
138 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 136 © 2006 Microchip Technology Inc. TABLE 18-2: INSTRUCTION SET OVERVIEW Base Instr # Assembly Mnemonic Assembly Syntax Description # of Words # of Cycles Status Flags Affected 1ADD ADD Acc Add Accumulators 1 1 OA,OB,SA,SB ADD f f = f + WREG 1 1 C,DC,N,OV,Z ADD f,WREG WREG = f + WREG 1 1 C,DC,N,OV,Z ADD #lit10,Wn Wd = lit10 + Wd 1 1 C,DC,N,OV,Z ADD Wb,Ws,Wd Wd = Wb + Ws 1 1 C,DC,N,OV,Z ADD Wb,#lit5,Wd Wd = Wb + lit5 1 1 C,DC,N,OV,Z ADD Wso,#Slit4,Acc 16-bit Signed Add to Accumulator 1 1 OA,OB,SA,SB 2 ADDC ADDC f f = f + WREG + (C) 1 1 C,DC,N,OV,Z ADDC f,WREG WREG = f + WREG + (C) 1 1 C,DC,N,OV,Z ADDC #lit10,Wn Wd = lit10 + Wd + (C) 1 1 C,DC,N,OV,Z ADDC Wb,Ws,Wd Wd = Wb + Ws + (C) 1 1 C,DC,N,OV,Z ADDC Wb,#lit5,Wd Wd = Wb + lit5 + (C) 1 1 C,DC,N,OV,Z 3AND AND f f = f .AND. WREG 1 1 N,Z AND f,WREG WREG = f .AND. WREG 1 1 N,Z AND #lit10,Wn Wd = lit10 .AND. Wd 1 1 N,Z AND Wb,Ws,Wd Wd = Wb .AND. Ws 1 1 N,Z AND Wb,#lit5,Wd Wd = Wb .AND. lit5 1 1 N,Z 4 ASR ASR f f = Arithmetic Right Shift f 1 1 C,N,OV,Z ASR f,WREG WREG = Arithmetic Right Shift f 1 1 C,N,OV,Z ASR Ws,Wd Wd = Arithmetic Right Shift Ws 1 1 C,N,OV,Z ASR Wb,Wns,Wnd Wnd = Arithmetic Right Shift Wb by Wns 1 1 N,Z ASR Wb,#lit5,Wnd Wnd = Arithmetic Right Shift Wb by lit5 1 1 N,Z 5BCLR BCLR f,#bit4 Bit Clear f 1 1 None BCLR Ws,#bit4 Bit Clear Ws 1 1 None 6BRA BRA C,Expr Branch if Carry 1 1 (2) None BRA GE,Expr Branch if greater than or equal 1 1 (2) None BRA GEU,Expr Branch if unsigned greater than or equal 1 1 (2) None BRA GT,Expr Branch if greater than 1 1 (2) None BRA GTU,Expr Branch if unsigned greater than 1 1 (2) None BRA LE,Expr Branch if less than or equal 1 1 (2) None BRA LEU,Expr Branch if unsigned less than or equal 1 1 (2) None BRA LT,Expr Branch if less than 1 1 (2) None BRA LTU,Expr Branch if unsigned less than 1 1 (2) None BRA N,Expr Branch if Negative 1 1 (2) None BRA NC,Expr Branch if Not Carry 1 1 (2) None BRA NN,Expr Branch if Not Negative 1 1 (2) None BRA NOV,Expr Branch if Not Overflow 1 1 (2) None BRA NZ,Expr Branch if Not Zero 1 1 (2) None BRA OA,Expr Branch if Accumulator A overflow 1 1 (2) None BRA OB,Expr Branch if Accumulator B overflow 1 1 (2) None BRA OV,Expr Branch if Overflow 1 1 (2) None BRA SA,Expr Branch if Accumulator A saturated 1 1 (2) None BRA SB,Expr Branch if Accumulator B saturated 1 1 (2) None BRA Expr Branch Unconditionally 1 2 None BRA Z,Expr Branch if Zero 1 1 (2) None BRA Wn Computed Branch 1 2 None 7 BSET BSET f,#bit4 Bit Set f 1 1 None BSET Ws,#bit4 Bit Set Ws 1 1 None 8 BSW BSW.C Ws,Wb Write C bit to Ws<Wb> 1 1 None BSW.Z Ws,Wb Write Z bit to Ws<Wb> 1 1 None |