| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F-E/ML bảng dữ liệu(PDF) 120 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F-E/ML bảng dữ liệu(HTML) 120 Page - Microchip Technology |
|
120 / 178 page ![]() PIC16F627A/628A/648A DS40044F-page 118 © 2007 Microchip Technology Inc. BCF Bit Clear f Syntax: [ label ] BCF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 0 → (f<b>) Status Affected: None Encoding: 01 00bb bfff ffff Description: Bit ‘b’ in register ‘f’ is cleared. Words: 1 Cycles: 1 Example BCF REG1, 7 Before Instruction REG1 = 0xC7 After Instruction REG1 = 0x47 BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: 1 → (f<b>) Status Affected: None Encoding: 01 01bb bfff ffff Description: Bit ‘b’ in register ‘f’ is set. Words: 1 Cycles: 1 Example BSF REG1, 7 Before Instruction REG1 = 0x0A After Instruction REG1 = 0x8A BTFSC Bit Test f, Skip if Clear Syntax: [ label ] BTFSC f,b Operands: 0 ≤ f ≤ 127 0 ≤ b ≤ 7 Operation: skip if (f<b>) = 0 Status Affected: None Encoding: 01 10bb bfff ffff Description: If bit ‘b’ in register ‘f’ is ‘0’, then the next instruction is skipped. If bit ‘b’ is ‘0’, then the next instruction fetched during the current instruction execution is discarded, and a NOP is executed instead, making this a two-cycle instruction. Words: 1 Cycles: 1(2) Example HERE FALSE TRUE BTFSC GOTO • • • REG1 PROCESS_CODE Before Instruction PC = address HERE After Instruction if REG<1> = 0, PC = address TRUE if REG<1> =1, PC = address FALSE |