| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F46K20-E/MLSQTP bảng dữ liệu(PDF) 232 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F46K20-E/MLSQTP bảng dữ liệu(HTML) 232 Page - Microchip Technology |
|
232 / 420 page ![]() PIC18F2XK20/4XK20 DS41303B-page 230 Advance Information © 2007 Microchip Technology Inc. 18.1.1.5 TSR Status The TRMT bit of the TXSTA register indicates the status of the TSR register. This is a read-only bit. The TRMT bit is set when the TSR register is empty and is cleared when a character is transferred to the TSR register from the TXREG. The TRMT bit remains clear until all bits have been shifted out of the TSR register. No interrupt logic is tied to this bit, so the user needs to poll this bit to determine the TSR status. 18.1.1.6 Transmitting 9-Bit Characters The EUSART supports 9-bit character transmissions. When the TX9 bit of the TXSTA register is set the EUSART will shift 9 bits out for each character transmit- ted. The TX9D bit of the TXSTA register is the ninth, and Most Significant, data bit. When transmitting 9-bit data, the TX9D data bit must be written before writing the 8 Least Significant bits into the TXREG. All nine bits of data will be transferred to the TSR shift register immediately after the TXREG is written. A special 9-bit Address mode is available for use with multiple receivers. See Section 18.1.2.8 “Address Detection” for more information on the Address mode. 18.1.1.7 Asynchronous Transmission Set-up: 1. Initialize the SPBRGH:SPBRG register pair and the BRGH and BRG16 bits to achieve the desired baud rate (see Section 18.3 “EUSART Baud Rate Generator (BRG)”). 2. Enable the asynchronous serial port by clearing the SYNC bit and setting the SPEN bit. 3. If 9-bit transmission is desired, set the TX9 con- trol bit. A set ninth data bit will indicate that the 8 Least Significant data bits are an address when the receiver is set for address detection. 4. Set the CKTXP control bit if inverted transmit data polarity is desired. 5. Enable the transmission by setting the TXEN control bit. This will cause the TXIF interrupt bit to be set. 6. If interrupts are desired, set the TXIE interrupt enable bit. An interrupt will occur immediately provided that the GIE and PEIE bits of the INTCON register are also set. 7. If 9-bit transmission is selected, the ninth bit should be loaded into the TX9D data bit. 8. Load 8-bit data into the TXREG register. This will start the transmission. FIGURE 18-3: ASYNCHRONOUS TRANSMISSION Note: The TSR register is not mapped in data memory, so it is not available to the user. Word 1 Stop bit Word 1 Transmit Shift Reg Start bit bit 0 bit 1 bit 7/8 Write to TXREG Word 1 BRG Output (Shift Clock) RC4/C2OUT/TX/CK TXIF bit (Transmit Buffer Reg. Empty Flag) TRMT bit (Transmit Shift Reg. Empty Flag) 1 TCY pin |