| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F46K20-E/MLSQTP bảng dữ liệu(PDF) 214 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F46K20-E/MLSQTP bảng dữ liệu(HTML) 214 Page - Microchip Technology |
|
214 / 420 page ![]() PIC18F2XK20/4XK20 DS41303B-page 212 Advance Information © 2007 Microchip Technology Inc. 17.4.7 BAUD RATE In I2C Master mode, the Baud Rate Generator (BRG) reload value is placed in the SSPADD register (Figure 17-17). When a write occurs to SSPBUF, the Baud Rate Generator will automatically begin counting. The BRG counts down to ‘0’ and stops until another reload has taken place. The BRG count is decre- mented twice per instruction cycle (TCY) on the Q2 and Q4 clocks. In I2C Master mode, the BRG is reloaded automatically. One half of the SCL period is equal to [(SSPADD+1) • 2]/FOSC. Therefore SSPADD = (FCY/FSCL) -1. Once the given operation is complete (i.e., transmission of the last data bit is followed by ACK), the internal clock will automatically stop counting and the SCL pin will remain in its last state. Table 17-3 demonstrates clock rates based on instruction cycles and the BRG value loaded into SSPADD. FIGURE 17-17: BAUD RATE GENERATOR BLOCK DIAGRAM TABLE 17-3: I2C™ CLOCK RATE W/BRG SSPM<3:0> BRG Down Counter CLKOUT FOSC/2 SSPADD<7:0> SSPM<3:0> SCL Reload Control Reload FOSC FCY BRG Value FSCL (2 Rollovers of BRG) 64 MHz 16 MHz 27h 400 kHz(1) 64 MHz 16 MHz 32h 313.7 kHz 64 MHz 16 MHz 3Fh 250 kHz 40 MHz 10 MHz 18h 400 kHz(1) 40 MHz 10 MHz 1Fh 312.5 kHz 40 MHz 10 MHz 63h 100 kHz 16 MHz 4 MHz 09h 400 kHz(1) 16 MHz 4 MHz 0Ch 308 kHz 16 MHz 4 MHz 27h 100 kHz 4 MHz 1 MHz 02h 333 kHz(1) 4 MHz 1 MHz 09h 100 kHz 4 MHz 1 MHz 00h 1 MHz(1) Note 1: The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than 100 kHz) in all details, but may be used with care where higher rates are required by the application. |