| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/MLQTP bảng dữ liệu(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/MLQTP bảng dữ liệu(HTML) 165 Page - Microchip Technology |
|
165 / 180 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41288C-page 163 PIC16F610/616/16HV610/616 17.0 PACKAGING INFORMATION 17.1 Package Marking Information * Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability code. For PIC® device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. 14-Lead PDIP XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example PIC16F616 0610017 14-Lead SOIC (.150”) XXXXXXXXXXX XXXXXXXXXXX YYWWNNN Example PIC16F616-E 0610017 14-Lead TSSOP XXXXXXXX YYWW NNN Example XXXX/ST 0610 017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXXX 16-Lead QFN XXXXXXX YYWWNNN 16F616 Example -I/ML 0610017 -I/P 3 e |