công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-E/SSQTP bảng dữ liệu(PDF) 107 Page - Microchip Technology

tên linh kiện PIC16F16-E/SSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSQTP bảng dữ liệu(HTML) 107 Page - Microchip Technology

Back Button PIC16F16-E/SSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 105Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 106Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 107Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 108Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 109Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 110Page - Microchip Technology PIC16F16-E/SSQTP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 105
PIC16F716
FIGURE 12-10:
A/D CONVERSION TIMING
TABLE 12-8:
A/D CONVERSION REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130
TAD
A/D clock period
Industrial
1.6
—
—
μsTOSC based, VREF ≥ 3.0V
Industrial
1.6
4.0
6.0
μs
A/D RC mode
Extended
1.6
—
—
μsTOSC based, VREF ≥ 3.0V
Extended
1.6
6.0
9.0
μs
A/D RC mode
131
TCNV Conversion time (not including S/H time)(1)
9.5
—
9.5
TAD
132
TACQ Acquisition time
(Note 2)
5*
20
—
—
—
μs
μs
The minimum time is the amplifier
settling time. This may be used if
the “new” input voltage has not
changed by more than 1 LSb (i.e.,
20.0 mV @ 5.12V) from the last
sampled voltage (as stated on
CHOLD).
134
TGO Q4 to A/D clock start
—
TOSC/2 **
—
—
If the A/D clock source is selected
as RC, a time of TCY is added
before the A/D clock starts. This
allows the SLEEP instruction to be
executed.
135
TSWC Switching from convert
→ sample time
1.5 **
—
—
TAD
*
These parameters are characterized but not tested.
** This specification ensured by design.
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
ADRES register may be read on the following TCY cycle.
2:
See Section 12.1 “DC Characteristics: PIC16F716 (Industrial, Extended)” for min. conditions.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(TOSC/2)(1)
7
6
5
432
1
0
Note
1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the SLEEP instruction
to be executed.
1 Tcy
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com